Part Number Hot Search : 
BLF571 55320301 0N60P SM8S26 MCR10 PA006 SQ141Y4 IRF7811
Product Description
Full Text Search
 

To Download HFCT-5611U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  agilent HFCT-5611U gigabit interface converters (gbic) for extended link lengths (up to 80 km) description the HFCT-5611U interface converter meets the gigabit interface converter specification rev. 5.4, an industry standard. the converter provides a uniform form factor for a wide variety of standard connections to transmission media. the converter can be inserted or removed from a host chassis without removing power from the host system. the converter is suitable for gigabit ethernet applications. the design of this converter is also practical for other high performance, point- to-point communication requiring gigabit interconnections. since the converter is hot-pluggable, it allows system configuration changes simply by the plugging of a different type of converter. the mechanical and electrical interfaces of the converter to the host system are identical for all implementations of the converter regardless of external media type. a 20-pin connector is used to connect the converter to the host system. the hfct- 5611u has been developed with 1550 nm long wavelength dfb laser technology. features ? ieee 802.3z gigabit ethernet with extended link lengths (up to 80 km)  compliant with gigabit interface converter specification rev. 5.4 (1)  hot-pluggable  +5 v power supply  uncooled dfb laser  eye safety certified: - us 21 cfr(j) - iec 60825-1 (+all)  pin receiver  sc-duplex fiber connector  fiber compatibility: - up to 80 km with 9 m sm fiber applications  gigabit ethernet (1.25 gbd)  switch to switch interface  high speed i/o for file servers ? bus extension applications serial identification the HFCT-5611U complies with annex d (module definition 4) of the gbic specification revision 5.4, which defines the serial identification protocol. definition 4 specifies a serial definition protocol. for this definition, upon power up, mod_def(1:2) (pins 5 and 6 on the 20-pin connector) appear as nc. pin 4 is ttl ground. when the host system detects this condition, it activates the public domain serial protocol. the protocol uses the 2-wire serial cmos e2prom protocol of the atmel at24c01a or similar. the data transfer protocol and the details of the mandatory and vendor specific data structures are defined in annex d of the gbic specification revision 5.4.
2 regulatory compliance see the regulatory compliance table for the targeted typical and measured performance for these transceivers. the overall equipment design will determine the level it is able to be certified to. these transceiver performance targets are offered as a figure of merit to assist the designer in considering their use in equipment designs. electrostatic discharge (esd) there are two design cases in which immunity to esd damage is important. the first case is during handling of the transceiver prior to inserting it into the host system. it is important to use normal esd handling precautions for esd sensitive devices. these precautions include the use of grounded wrist straps, workbenches, and floor mats in esd controlled areas. the second case to consider is static discharges during insertion of the gbic into the host system. there are two guide tabs integrated into the 20-pin connector on the gbic. these guide tabs are connected to circuit ground. when the gbic is inserted into the host system, these tabs will engage before any of the connector pins. the mating connector in the host system must have its tabs connected to circuit ground. this discharges any stray static charges and establishes a reference for the power supplies that are sequenced later. electromagnetic interference (emi) most equipment designs utilizing these high-speed transceivers from agilent will be required to meet the requirements of fcc in the united states, cenelec en55022 (cispr 22) in europe and vcci in japan. immunity equipment utilizing these transceivers will be subject to radio-frequency electromagnetic fields in some environments. these transceivers have good immunity to such fields due to their shielded design. caution: there are no user serviceable parts nor any maintenance required for the HFCT-5611U. all adjustments are made at the factory before shipment to our customers. tampering with or modifying the performance of any agilent gbic unit will result in voided product warranty. it may also result in improper operation of the circuitry, and possible overstress of the semiconductor components. device degradation or product failure may result. connection of the HFCT-5611U to a non- approved optical source, operating above the recommended absolute maximum conditions, or operating in a manner inconsistent with unit design and function, may result in hazardous radiation exposure and may be considered an act of modifying or manufacturing a laser product. the person(s) performing such an act is required by law to recertify the laser product under the provisions of us 21 cfr (subchapter j).
3 regulatory compliance this product is under testing with respect to american and european product safety and electromagnetic compatibility regulations. feature test method performance electrostatic discharge (esd) to the electrical pins mil-std-883c method 3015.4 class 1 (> 1000 volts) electrostatic discharge (esd) to the duplex sc receptacle variation of iec 801-2 typically, withstand at least 15kv without damage when a human body model probe contacts port. electromagnetic interference (emi) fcc class b cenelec en55022 class b (cispr 22a) vcci class 1 system margins are dependent on customer board and chassis design. immunity variation of iec 801-3 typically show no measurable effect from a 10v/m field swept from 27 to 1000 mhz applied to the transceiver without a chassis enclosure. laser eye safety and equipment type te st in g us fda cdrh ael class 1 us21 cfr, subchapter j per paragraphs 1002.10 and 1002.12. (iec) en60825-1: 1994 + a11+a2 (iec) en60825-2: 1994 + a1 (iec) en60950: 1992 + a1 + a2 + a3 + a4 + a11 cdrh certification #933/510236/01 tuv file #e9971083.07 component recognition underwriters laboratories and canadian standards association joint component recognition for information technology equipment including electrical business equipment ul file # e173874
4 eye safety design the laser driver is designed to be class 1 eye safe (cdrh21 cfr(j), iec 60825-1) under a single fault condition. there are three key elements to the safety circuitry: a monitor diode, a window detector circuit, and direct control of the laser bias. the window detection circuit monitors the average optical power using the photo diode in the laser osa. if a fault occurs such that the dc bias circuit cannot maintain the preset conditions within 20%, tx_fault (pin 10) will be asserted (high). note: under any single fault, the laser optical output power will remain within class 1 eye safe limits. optical receiver pecl driver optical transmitter pecl receiver serial eeprom hot plug control +rx_dat -rx_dat +tx_dat -tx_dat rx_los tx_disable tx_fault mod_def(0) mod_def(1)/scl mod_def(2)/sda v ddr v ddt optical interface duplex sc connector electrical interface 20 pin sca-2 connector r gnd t gnd figure 1. block diagram
5 absolute maximum ratings absolute maximum ratings are those values beyond which functional performance is not intended, device reliability is not implied, and damage to the device may occur. parameter symbol minimum typical maximum unit notes storage temperature t c -40 +85 c relative humidity (non-condensing) rh 5 95 % module supply voltage v cc t, r -0.5 6. 0 v 1 data/control input voltage v in -0.5 v dd tv receiver optical input pinabsmax 6 dbm
6 notes: 1. over temperature, over life. 2. hot plug, above steady state. 3. for data patterns with restricted lengths, e.g. 8b10b encoded data. 4. assumes 9/125 m fiber. 5. for short link lengths, attenuation may be necessary. 6. external 4.7-10 k w pull up resistor required on host board. r e t e m a r a pl o b m y sm u m i n i ml a c i p y tm u m i x a mt i n us e t o n e r u t a r e p m e t g n i t a r e p o e s a ct c 00 7 +c e g a t l o v y l p p u sv c c 5 7 . 45 5 2 . 5v t n e r r u c y l p p u si d d i + t d d r0 0 3a m1 t n e r r u c e g r u si e g r u s 0 3 +a m2 2 e t a r a t a dr b0 5 2 10 5 2 1s / b m3 h t g n e l r e b i fl-0 8m k5 , 4 h t g n e l e v a w g n i t a r e p o t u p n i x r l 0 5 4 10 2 6 1m n : s t u p n i l o r t n o c , e l b a s i d _ x t 2 , 1 f e d - d o m v h i v l i 0 . 2 0 v d d 3 . 0 + t 8 . 0 v v 6 : s t u p t u o e s n e s , t l u a f _ x t 2 , 0 f e d - d o m , s o l v h o v l o v c c 5 . 0 -v c c 3 . 0 + 5 . 0 v v 6 : t u p t u o a t a d l a i t n e r e f f i d r e v i e c e r e g a t l o v t u p t u o t a d _ x r 0 0 40 0 1 1k p - k p v m t u p t u o r e v i e c e r e m i t e s i r r t5 80 0 4s p t u p t u o r e v i e c e r e m i t l l a f f t5 80 0 4s p l a i t n e r e f f i d r e v i e c e r w e k s t u p t u o 0 5s p : t u p n i a t a d e g a t l o v t u p n i l a i t n e r e f f i d r e t t i m s n a r tt a d _ x t 0 5 60 0 0 2k p - k p v m e m i t e s i r t u p n i r e t t i m s n a r tr t5 80 5 3s p e m i t l l a f t u p n i r e t t i m s n a r tf t5 80 5 3s p w e k s l a i t n e r e f f i d t u p n i a t a d 5 2s p recommended operating conditions recommended operating conditions specify conditions for which the optical and electrical characteristics hold. optical and electrical characteristics are not specified for operation beyond the recommended operating conditions, reliability is not implied and amage to the device may occur for such operation over an extended time period.
7 transmitter optical characteristics (t c = 0 c to +70 c, v cc = 5 v 5%) receiver optical characteristics (t c = 0 c to +70 c, v cc = 5 v 5%) note: 1. unfiltered 20-80% values. 2. contributed total jitter is calculated from dj and rj measurements using tj = rj + dj. contributed rj is calculated for 1x10 -12 ber by multiplying the rms jitter (measured on a single rise or fall edge) from the oscilloscope by 14. parameter symbol minimum typical maximum unit notes average optical output power pout 0 +5 dbm optical extinction ratio er 9 db center wavelength  c 1480 1550 1580 nm -20db spectral width  20 1nm side mode suppression ratio 30 db optical rise/fall time1.25 gb/s t r , t f 260 ps 1 optical rise/fall time1.0625 gb/s t r , t f 260 ps 1 rin 12 (oma) rin -120 db/hz contributed tj (1.25 gb/s) tj 0.332 ui 2 contributed tj (1.063 gb/s) tj 0.267 ui 2 contributed dj (1.063 gb/s) dj 0.09 ui pout tx_disable asserted p off -40 dbm parameter symbol minimum typical maximum unit notes receiver sensitivity p in min -24 dbm receiver saturation p in max -3 dbm wavelength  1270 1620 nm contributed tj (1.25 gb/s) tj .284 ui 2 contributed tj (1.063 gb/s) tj .218 ui 2 contributed dj (1.063 gb/s) tj .12 ui return loss 12 db loss of signal - assert p a -35 dbm loss of signal - de-assert p d -24 dbm loss of signal hysterisis p d - p a 0.5 db
8 timing characteristics notes: 1. rising edge of tx_disable to fall of output signal 10% of nominal. 2. falling edge of tx_disable to rise of output sign at above 90% of nominal. 3. from power on or hot plug after v cc t > 4.75 volts or from negaion of tx_disable during reset of tx_fault. 4. from occurence of fault (output safety violation or v cc < 4.5 volts). 5. time tx_disable is high before tx_disable is set low. 6. from detection of loss of signal to assertion of rx_los. 7. from detection of presence of signal to negation of rx_los. 20-pin sca-2 host connector characteristics sca-2 host connector pin assignment notes: a sequence value of 1 indicates that the signal is in the first group to engage during plugging of a module. a sequence value o f 2 indicates that the signal is the second and last group. the two guide pins integrated on the connector are connected to tgnd. these two guide pins make c ontact with circuit ground prior to sequence 1 signals. * this pin is tied high via 10 k pull-up resistor. pin name sequence pin name sequence 1rx_los211rgnd1 2rgnd212-rx_dat1 3rgnd213+rx_dat1 4mod_def(0)214rgnd1 5 mod_def(1) 2 15 vddr 2 6 mod_def(2) 2 16 vddt 2 7tx_disable*217tgnd1 8tgnd218+tx_dat1 9tgnd219-tx_dat1 10 tx_fault 2 20 tgnd 1 parameter symbol minimum typical maximum unit notes tx_disable assert time t_off 3 10 s 1 tx_disable negate time t_on 0.5 1 ms 2 tx initialization time includes reset of tx_fault t_init 30 300 ms 3 tx_fault assert time t_fault 20 100 s 4 tx_disable time start reset t_reset 10 5 rx_los assert time t_los_on 100 s 6 rx_los de-assert time t_los_off 100 s 7
9 signal definition pin signal name input/output description 1 rx_los output receiver loss of signal, ttl high, open collector 2rgnd receiver ground 3rgnd receiver ground 4 mod_def(0) output ttl low 5 mod-def(1) input scl serial clock signal 6 mod-def(2) input/output sda serial data signal 7 tx_disable input transmit disable 8 tgnd transmitter ground 9 tgnd transmitter ground 10 tx_fault output transmitter fault 11 rgnd receiver ground 12 -rx_dat output received data, differential pecl, ac coupled 13 +rx_dat output received data, differential pecl, ac coupled 14 rgnd receiver ground 15 vddr input receiver +5 v supply 16 vddt input transmitter +5 v supply 17 tgnd transmitter ground 18 +tx_dat input transmit data, differential pecl, ac coupled 19 -tx_dat input transmit data, differential pecl, ac coupled 20 tgnd transmitter ground
10 eeprom serial id memory contents byte # decimal data hex notes byte # decimal data hex notes 0 01 identifier 37 00 hex byte of vendor oui 1 04 ext identifier 38 30 hex byte of vendor oui 2 01 connector 39 d3 hex byte of vendor oui 3 00 code for electronic/optical compatibility 40 48 "h" - vendor part number ascii character 4 00 code for electronic/optical compatibility 41 46 "f" - vendor part number ascii character 5 00 code for electronic/optical compatibility 42 43 "c" - vendor part number ascii character 6 02 code for electronic/optical compatibility 43 54 "t" - vendor part number ascii character 7 00 code for electronic/optical compatibility 44 2d "-" - vendor part number ascii character 8 00 code for electronic/optical compatibility 45 35 "5" - vendor part number ascii character 9 00 code for electronic/optical compatibility 46 36 "6" - vendor part number ascii character 10 00 code for electronic/optical compatibility 47 31 "1" - vendor part number ascii character 11 01 encoding 48 31 "1" - vendor part number ascii character 12 0d br, nominal 49 55 "u" - vendor part number ascii character 13 00 reserved 50 20 " " - vendor part number ascii character 14 50 length (9) 51 20 " " - vendor part number ascii character 15 00 length (9) 52 20 " " - vendor part number ascii character 16 00 length (50) 53 20 " " - vendor part number ascii character 17 00 length (62.5) 54 20 " " - vendor part number ascii character 18 00 length (copper) 55 20 " " - vendor part number ascii character 19 00 reserved 56 00 vendor rev 20 41 "a" - vendor name ascii character 57 00 vendor rev 21 47 "g" - vendor name ascii character 58 00 vendor rev 22 49 "i" - vendor name ascii character 59 00 vendor rev 23 4c "l" - vendor name ascii character 60 00 reserved 24 45 "e" - vendor name ascii character 61 00 reserved 25 4e "n" - vendor name ascii character 62 00 26 54 "t" - vendor name ascii character 63 checksum checksum for bytes 0-62 27 20 " " - vendor name ascii character 64 00 28 20 " " - vendor name ascii character 65 1a hardware tx_disable, tx_fault & rx_los 29 20 " " - vendor name ascii character 66 00 30 20 " " - vendor name ascii character 67 00 31 20 " " - vendor name ascii character 68-83 vendor serial number ascii characters 32 20 " " - vendor name ascii character 84-91 vendor date code ascii characters
11 eeprom serial id memory contents (continued) figure 2. package dimensions byte # decimal data hex notes byte # decimal data hex notes 33 20 " " - vendor name ascii character 92 00 34 20 " " - vendor name ascii character 93 00 35 20 " " - vendor name ascii character 94 00 36 00 95 checksum checksum for bytes 64-94 96 - 127 00 reserved
www.agilent.com/ semiconductors for product information and a complete list of distributors, please go to our web site. for technical assistance call: americas/canada: +1 (800) 235-0312 or (916) 788-6763 europe: +49 (0) 6441 92460 china: 10800 650 0017 hong kong: (+65) 6756 2394 india, australia, new zealand: (+65) 6755 1939 japan: (+81 3) 3335-8152(domestic/international), or 0120-61-1280(domestic only) korea: (+65) 6755 1989 singapore, malaysia, vietnam, thailand, philippines, indonesia: (+65) 6755 2044 taiwan: (+65) 6755 1843 data subject to change. copyright ? 2004 agilent technologies, inc. april 15, 2004 5988-9432en


▲Up To Search▲   

 
Price & Availability of HFCT-5611U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X